Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KLB 13 Datasheet (PDF) - Lumberg

KLB 13 Datasheet PDF - Lumberg
Part # KLB 13
Download  KLB 13 Download
File Size   135.74 Kbytes
Page   1 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Jack connectors according to JIS C 6560, 2.5 mm

KLB 13 Datasheet (PDF)

Go To PDF Page Download Datasheet
KLB 13 Datasheet PDF - Lumberg

Part # KLB 13
Download  KLB 13 Click to download

File Size   135.74 Kbytes
Page   1 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Jack connectors according to JIS C 6560, 2.5 mm

KLB 13 Datasheet (HTML) - Lumberg




Similar Part No. - KLB 13

ManufacturerPart #DatasheetDescription
logo
Lumberg
KLB 4 LUMBERG-KLB 4 Datasheet
139Kb / 1P
Jack connectors according to JIS C 6560, 3.5 mm
05/2015
More results


Similar Description - KLB 13

ManufacturerPart #DatasheetDescription
logo
Lumberg
WKLS2 LUMBERG-WKLS2 Datasheet
86Kb / 1P
Jack connectors according to JIS C 6560, 3.5 mm
WKLS40 LUMBERG-WKLS40 Datasheet
82Kb / 1P
Jack connectors according to JISC 6560, 3.5 mm
logo
CUI INC
MR-2501 CUI-MR-2501 Datasheet
261Kb / 3P
2.5 MM AUDIO JACK
logo
DDK Ltd.
JMSP1303MXGD-D DDK-JMSP1303MXGD-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
logo
Rosenberger Hochfrequen...
L99-029-XXX-DB ROSENBERGER-L99-029-XXX-DB Datasheet
977Kb / 4P
All dimensions are in mm; tolerances according to ISO 2768 C
L99-A0039-XXX-DB ROSENBERGER-L99-A0039-XXX-DB Datasheet
978Kb / 4P
All dimensions are in mm; tolerances according to ISO 2768 C
logo
CUI INC
MJ-2509N CUI-MJ-2509N_18 Datasheet
295Kb / 3P
2.5 MM AUDIO JACK
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
Circular Connectors Conforming to JIS C 5432
logo
DDK Ltd.
JMSP2116F-D DDK-JMSP2116F-D Datasheet
324Kb / 7P
Circular Connectors for Solder Terminations Conforming to JIS-C-5432
logo
CUI Devices
MJ-2509N CUID-MJ-2509N Datasheet
328Kb / 3P
2.5 MM AUDIO JACK
10/04/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com